Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download GM6350-18ST89R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description gm6350 is a group of positive voltage output, three - pin regulators, that provide a high current even when the input/ output voltage differential is small. low power consumption and high accuracy is achieved through cmos and pro- grammable fuse technologies. output voltage: 1.5v to 5.0v. gm6350 consists a high-precision voltage reference, an er- ror correction circuit, and a current limited output driver. transient response to load variations have improved in comparison to the existing series. gm6350 incorporates both over-temperature and over- current protection. application battery- operated systems portable computers portable cameras and video recorders features maximum output current: 300ma highly accurate: output voltage 2% low power consumption. over -current and over-temperature protection small input/ output differential: 0.3v at 300ma g m 6 3 5 0 v 0 . 1 www.gammamicro.com 1 reference voltage sources instrumentation pagers typical applica tion v in v out v in gnd v out + c1 1f gm6350
marking information & pin configura tions (top view) package shipping ordering number output v oltage g m 6 3 5 0 2 ordering information sot-89 sot-89 1,000 units/ t ape & reel 1,000 units/ t ape & reel gm 6350-1.5st89r gm 6350-1.8st89r vv = voltage code a = assembly location y = y ear ww = weekly 1.5 1.8 sot - 89 1 2 3 gm6350 vva yww v out v ss v in pin name pin description 1 2 3 function unregulated supply input. ground t erminal. regulated voltage output. sot-25 pin name v ss v in v out sot-89 1,000 units/ t ape & reel gm 6350-2.5st89r 2.5 sot-89 1,000 units/ t ape & reel gm 6350-3.0st89r 3.0 sot-89 1,000 units/ t ape & reel gm 6350-3.3st89r 3.3 sot-89 1,000 units/ t ape & reel gm 6350-5.0st89r 5.0 * for detail ordering number identification, please see last page.
g m 6 3 5 0 3 p ara met er sym bol ra ting s unit s 6.5 300 500 -30 ~ +80 -40 ~ +125 v ma w v in v out i out p d t opr t stg absolute maximum ratings input vo ltage outp ut cu rrent outp ut v oltag e cont inuos t otal powe r diss ipatio n oper ating amb ient t empe rature stora ge t empe rature mw c c sot -89 v -0.3 ~ +0.3 ss v in parameter min typ max units test circuit test condition output voltage accuracy line regulation d v/ d v v out in out load regulation (note 1) maximum output current current limit ground pin current dropout voltage for v > 2.5v out for 2.0v< v 2.5v out for v 2.5v out i =1ma, o i = 0.1....300ma o i = 1ma, o (v + 0.1v) < v < 6.5v out in v = 6v, in 0.1ma < i < 300ma, c = 1f oo u t v = 5v, in v > 0.96*vrating out -1.4 -3% +1.4% +2% 0.3 0.04 v %/ v %/ ma ma ma a mv electrical characteristics (t = 25c, v = v (nominal) + 0.5v, unless otherwise noted) a in out 0.1 0.005 500 1 2 300 400 15 100 300 150 450 200 600 i = 0...300ma out i = 100ma o i = 300ma o i = 100ma o i = 300ma o i = 100ma o i = 300ma o 30 180 550 300 800 400 1100 3 note 1: load regulation is measured using pulse techniques with duty cycle <5%
g m 6 3 5 0 4 ordering number gm 6350 1.5 st25 r gamma micro. circuit type output voltage 1.5: 1.5v , 1.8: 1.8v 2.5: 2.5v , 3.0: 3.0v 3.3: 3.3v , 5.0: 5.0v package st89: sot-89 shipping r: t ape & reel sot-89 package outline dimensions pad layout 45 1 . 5 1.5 0.7 3 2 1 4.50 0.05 units: mm 1.650 ref 1.400 ref 4.20 0.05 1.00 0.07 2.5 0.05 0.46 0.025 3.00 0.025 1.50 1.50 1.50 0.05 0.38 0.01 6 r 0.13~3x no draft~2 r 0.1 max 6~2x 6~2x r 0.13~2x r 0.13~2x unit: mm r 0.13~4x
g m 6 3 5 0 5


▲Up To Search▲   

 
Price & Availability of GM6350-18ST89R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X